| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP121 Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP121 Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 28 page ![]() MCP102/103/121/131 DS21906B-page 14 © 2005 Microchip Technology Inc. 4.4 Using in PICmicro® Microcontroller, ICSP™ Applications (MCP121 only) Figure 4-5 shows the typical application circuit for using the MCP121 for voltage superviory function when the PICmicro microcontroller will be programmed via the ICSP feature. Additional information is available in TB087, “Using Voltage Supervisors with PICmicro® Microcontroller Systems which Implement In-Circuit Serial Programming™”, DS91087. FIGURE 4-5: Typical Application Circuit for PICmicro® Microcontroller with the ICSP™ feature. Note: It is recommended that the current into the RST pin be current limited by a 1 k Ω resistor. VDD/VPP VDD MCLR (Reset Input) (Active-low) VSS PICmicro® MCU RPU 0.1µF 1k Ω MCP121 VDD RST VSS |