| Moteur de recherche de fiches techniques de composants électroniques |
|
25LC080A-E/P Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC080A-E/P Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 26 page ![]() 25XX080A/B DS21808D-page 12 © 2007 Microchip Technology Inc. 2.7 Data Protection The following protection has been implemented to prevent inadvertent writes to the array: • The write enable latch is reset on power-up • A write enable instruction must be issued to set the write enable latch • After a byte write, page write or Status Register write, the write enable latch is reset •CS must be set high after the proper number of clock cycles to start an internal write cycle • Access to the array during an internal write cycle is ignored and programming is continued 2.8 Power-On State The 25XX080A/B powers on in the following state: • The device is in low-power Standby mode (CS = 1) • The write enable latch is reset • SO is in high-impedance state • A high-to-low-level transition on CS is required to enter active state TABLE 2-4: WRITE-PROTECT FUNCTIONALITY MATRIX WEL (SR bit 1) WPEN (SR bit 7) WP (pin 3) Protected Blocks Unprotected Blocks Status Register 0xx Protected Protected Protected 10x Protected Writable Writable 1 1 0 (low) Protected Writable Protected 1 1 1 (high) Protected Writable Writable x = don’t care |