| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2155 Fiches technique(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2155 Fiches technique(HTML) 29 Page - Microchip Technology |
|
29 / 38 page ![]() © 2007 Microchip Technology Inc. Preliminary DS21894C-page 29 MCP2122 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Example : MCP2122 E/P 256 0706 8-Lead PDIP (300 mil) XXXXXXXX XXXXXNNN YYWW 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN MCP2122 E/SN 0706 256 3 e 3 |