Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS5162 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce PS5162
Description  Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS5162 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button PS5162 Datasheet HTML 2Page - Microchip Technology PS5162 Datasheet HTML 3Page - Microchip Technology PS5162 Datasheet HTML 4Page - Microchip Technology PS5162 Datasheet HTML 5Page - Microchip Technology PS5162 Datasheet HTML 6Page - Microchip Technology PS5162 Datasheet HTML 7Page - Microchip Technology PS5162 Datasheet HTML 8Page - Microchip Technology PS5162 Datasheet HTML 9Page - Microchip Technology PS5162 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
 2004 Microchip Technology Inc.
DS21842B-page 7
PS5162
4.0
DEVELOPMENT TOOL
SUMMARY
Microchip provides all the necessary hardware and
software to enable easy tailoring of battery control algo-
rithm parameters and cell performance models to meet
specific application requirements and attain the highest
accuracy available anywhere. Table 4-1 summarizes
the development tool offering from Microchip to support
the PS5162. Please refer to the Microchip web site for
ordering
information
and
design
documentation
(including schematics) at www.microchip.com.
4.1
Reference Documents
This data sheet provides an overview of the PS5162
Battery Manager module. For further information on the
PS501 and development tool operations, please refer
to the following documents available for download at
www.microchip.com.
TABLE 4-2:
MICROCHIP REFERENCE DOCUMENTS
TABLE 4-1:
MICROCHIP DEVELOPMENT TOOL SUMMARY
Development Tool
Use
PowerInfo™ hardware with PC software
(PS041)
Read and write Smart Battery data values, memory programming
PowerCal™ hardware with PC software
(PS042)
Read and write Smart Battery data values, memory programming,
pack calibration, pack test
Document Number
Documents Available
DS21818
PS501 Single Chip Field Reprogrammable Battery Manager Data Sheet (IC Products)
DS40234
PS041 PowerInfo™ Configuration Interface Product Brief
DS40237
PS042 PowerCal™ Calibration Platform Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10