Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC646BEUATR Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC646BEUATR
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646BEUATR Fiches technique(HTML) 2 Page - Microchip Technology

  TC646BEUATR Datasheet HTML 1Page - Microchip Technology TC646BEUATR Datasheet HTML 2Page - Microchip Technology TC646BEUATR Datasheet HTML 3Page - Microchip Technology TC646BEUATR Datasheet HTML 4Page - Microchip Technology TC646BEUATR Datasheet HTML 5Page - Microchip Technology TC646BEUATR Datasheet HTML 6Page - Microchip Technology TC646BEUATR Datasheet HTML 7Page - Microchip Technology TC646BEUATR Datasheet HTML 8Page - Microchip Technology TC646BEUATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TC646B/TC648B/TC649B
DS21755B-page 2
 2003 Microchip Technology Inc.
Functional Block Diagram
TC646B/TC649B
Note: The VOTF comparator
is for the TC646B device only.
70 mV
(typ)
VOTF
10 k
Ω
VSHDN
VIN
CF
VAS
GND
VDD
VOUT
FAULT
SENSE
Clock
Generator
Control
Logic
3xTPWM
Timer
Start-up
Timer
Missing
Pulse
Detect
TC648B
VOTF
VSHDN
VIN
CF
VAS
GND
VDD
VOUT
OTF
NC
Clock
Generator
Control
Logic
Start-up
Timer
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36