Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS700 Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Fiches technique(HTML) 15 Page - Microchip Technology

Back Button PS700 Datasheet HTML 11Page - Microchip Technology PS700 Datasheet HTML 12Page - Microchip Technology PS700 Datasheet HTML 13Page - Microchip Technology PS700 Datasheet HTML 14Page - Microchip Technology PS700 Datasheet HTML 15Page - Microchip Technology PS700 Datasheet HTML 16Page - Microchip Technology PS700 Datasheet HTML 17Page - Microchip Technology PS700 Datasheet HTML 18Page - Microchip Technology PS700 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 15
PS700
TABLE 4-1:
PS700 MEMORY MAP
Function
Byte 3
Byte 2
Byte 1
Byte 0
Bank:Address (Byte 0)
EEPROM
0:0x000
0:0x004
↓↓
↓
↓
0:0x00C
Register Initialization Values (Reserved Locations must = 0x00)
0:0x020
↓↓
↓
↓
Register Initialization Values (Reserved Locations must = 0x00)
0:0x084
0:0x088
↓↓
↓
↓
0:0x1F8
0:0x1FC
Reserved
Reserved
0:0x201
↓↓
↓
Reserved
0:0x3FC
General Purpose
RAM
1:0x000
1:0x004
1:0x008
↓↓
↓
↓
1:0x018
1:0x01C
Operational
Registers:
Accumulators/
Timers,
A/D Registers,
Mode Control
DCA
1:0x020
DTC
1:0x024
CCA
1:0x028
CTC
1:0x02C
TA
1:0x030
TAT
1:0x034
VC2A
1:0x038
VC2T
1:0x03C
ADconfig
Ictrl (ADc0)
Ires (ADr0)
1:0x040
Reserved
ITctrl (ADc1)
ITres (ADr1)
1:0x044
ETctrl (ADc2)
ETres (ADr2)
1:0x048
VPctrl (ADc3)
VPres (ADr3)
1:0x04C
GPIOctrl
VC1ctrl (ADc4)
VC1res (ADr4)
1:0x050
Reserved
VC2ctrl (ADc5)
VC2res (ADr5)
1:0x054
OFFSctrl (ADc6)
OFFSres (ADr6)
1:0x058
AUXctrl (ADc7)
AUXres (ADr7)
1:0x05C
ACCcontrol
ACCclr
I+trip
1:0x060
Reserved
Reserved
I-trip
1:0x064
VPtrip
1:0x068
VCtrip
1:0x06C
SStrip
1:0x070
TRIPctrl
Reserved
1:0x074
OpMode
1:0x078
Reserved
1:0x07C
Reserved
Reserved
2:0x004
↓↓
↓
↓
Reserved
2:0x0FC
Cal/Setup
Registers
MOsct
VREFT
VBGT
SMBAdd
2:0x080
Reserved
AOsct
Reserved
Reserved
2:0x084
Reserved
Reserved
2:0x088
↓↓
↓
↓
Reserved
2:0x3FC
Reserved
Reserved
3:0x000
↓↓
↓
↓
Reserved
3:0x3FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38