| Moteur de recherche de fiches techniques de composants électroniques |
|
TC647B Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC647B Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 34 page ![]() TC642B/TC647B DS21756B-page 2 2003 Microchip Technology Inc. Functional Block Diagram TC642B/TC647B Note: The VOTF comparator Note is for the TC642B device only. 70 mV (typ) VOTF 10 k Ω VSHDN VIN CF VMIN GND VDD VOUT FAULT SENSE Clock Generator Control Logic 3xTPWM Timer Start-up Timer Missing Pulse Detect |