Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC642B Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC642B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642B Fiches technique(HTML) 2 Page - Microchip Technology

  TC642B Datasheet HTML 1Page - Microchip Technology TC642B Datasheet HTML 2Page - Microchip Technology TC642B Datasheet HTML 3Page - Microchip Technology TC642B Datasheet HTML 4Page - Microchip Technology TC642B Datasheet HTML 5Page - Microchip Technology TC642B Datasheet HTML 6Page - Microchip Technology TC642B Datasheet HTML 7Page - Microchip Technology TC642B Datasheet HTML 8Page - Microchip Technology TC642B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TC642B/TC647B
DS21756B-page 2
 2003 Microchip Technology Inc.
Functional Block Diagram
TC642B/TC647B
Note: The VOTF comparator
Note
is for the TC642B device only.
70 mV
(typ)
VOTF
10 k
Ω
VSHDN
VIN
CF
VMIN
GND
VDD
VOUT
FAULT
SENSE
Clock
Generator
Control
Logic
3xTPWM
Timer
Start-up
Timer
Missing
Pulse
Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34