Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6541-E/MF Fiches technique(PDF) 31 Page - Microchip Technology

No de pièce MCP6541-E/MF
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541-E/MF Fiches technique(HTML) 31 Page - Microchip Technology

Back Button MCP6541-E/MF Datasheet HTML 27Page - Microchip Technology MCP6541-E/MF Datasheet HTML 28Page - Microchip Technology MCP6541-E/MF Datasheet HTML 29Page - Microchip Technology MCP6541-E/MF Datasheet HTML 30Page - Microchip Technology MCP6541-E/MF Datasheet HTML 31Page - Microchip Technology MCP6541-E/MF Datasheet HTML 32Page - Microchip Technology MCP6541-E/MF Datasheet HTML 33Page - Microchip Technology MCP6541-E/MF Datasheet HTML 34Page - Microchip Technology MCP6541-E/MF Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
© 2007 Microchip Technology Inc.
DS21730F-page 31
MCP201
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
E/P256
0715
MCP201
E/SN0715
256
MCP201
8-Lead DFN-S
Example
:
XXXXXXXX
XXXXXXXX
YYWW
NNN
MCP201
E/MF
0715
256
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40