Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6549 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce MCP6549
Description  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button MCP6549 Datasheet HTML 13Page - Microchip Technology MCP6549 Datasheet HTML 14Page - Microchip Technology MCP6549 Datasheet HTML 15Page - Microchip Technology MCP6549 Datasheet HTML 16Page - Microchip Technology MCP6549 Datasheet HTML 17Page - Microchip Technology MCP6549 Datasheet HTML 18Page - Microchip Technology MCP6549 Datasheet HTML 19Page - Microchip Technology MCP6549 Datasheet HTML 20Page - Microchip Technology MCP6549 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21714E-page 17
MCP6546/6R/6U/7/8/9
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6546
I/P256
0636
MCP6546
I/SN0636
256
8-Lead MSOP
Example:
XXXXXX
YWWNNN
6546I
636256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SOT-23 (MCP6546, MCP6546R, MCP6546U)
Example: (I-temp)
XXNN
AC25
5-Lead SC-70 (MCP6546)
Example: (I-temp)
XXNN (Front)
YWW (Back)
AC25(Front)
636 (Back)
Device
I-Temp
Code
E-Temp
Code
MCP6546
ACNN
GWNN
MCP6546R
AHNN
GXNN
MCP6546U
—
AWNN
Note: Applies to 5-Lead SOT-23
Device
I-Temp
Code
E-Temp
Code
MCP6546
ACNN
Note 2
Note 1:
I-Temp parts prior to March
2005 are marked “ACN”
2:
SC-70-5 E-Temp parts not
available at this release of
the data sheet.
MCP6546
I/P^^256
0636
MCP6546I
SN^^0636
256
3
e
3
e
OR
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32