Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6141 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 15Page - Microchip Technology MCP6141 Datasheet HTML 16Page - Microchip Technology MCP6141 Datasheet HTML 17Page - Microchip Technology MCP6141 Datasheet HTML 18Page - Microchip Technology MCP6141 Datasheet HTML 19Page - Microchip Technology MCP6141 Datasheet HTML 20Page - Microchip Technology MCP6141 Datasheet HTML 21Page - Microchip Technology MCP6141 Datasheet HTML 22Page - Microchip Technology MCP6141 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2005 Microchip Technology Inc.
DS21668B-page 19
MCP6141/2/3/4
Package Marking Information (Continued)
14-Lead TSSOP (MCP6144)
Example
:
14-Lead SOIC (150 mil) (MCP6144)
Example:
XXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
6144ST
0534
256
XXXXXXXXXX
MCP6144ISL
0434256
MCP6144
0536256
I/SL^^
OR
3
e
6144EST
0534
256
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34