Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9915/PCBZ Fiches technique(PDF) 30 Page - Analog Devices

No de pièce AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Fiches technique(HTML) 30 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 26Page - Analog Devices AD9915/PCBZ Datasheet HTML 27Page - Analog Devices AD9915/PCBZ Datasheet HTML 28Page - Analog Devices AD9915/PCBZ Datasheet HTML 29Page - Analog Devices AD9915/PCBZ Datasheet HTML 30Page - Analog Devices AD9915/PCBZ Datasheet HTML 31Page - Analog Devices AD9915/PCBZ Datasheet HTML 32Page - Analog Devices AD9915/PCBZ Datasheet HTML 33Page - Analog Devices AD9915/PCBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Data Sheet
AD9915
FUNCTIONAL BLOCK DETAIL
analog.com
Rev. G | 30 of 51
PLL, as the PLL remains locked to the input reference signal
even while the EXT_PWR_DWN pin is asserted. Note that while
the EXT_PWR_DWN pin is asserted in fast recovery power-down
mode, the DAC is not fully asleep and may exhibit unspecified
signal or noise at the output. Therefore, applications that require
a quite DAC output during fast recovery power-down must include
external circuitry to mute the DAC output during power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51