Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9914/PCBZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Fiches technique(HTML) 3 Page - Analog Devices

  AD9914/PCBZ Datasheet HTML 1Page - Analog Devices AD9914/PCBZ Datasheet HTML 2Page - Analog Devices AD9914/PCBZ Datasheet HTML 3Page - Analog Devices AD9914/PCBZ Datasheet HTML 4Page - Analog Devices AD9914/PCBZ Datasheet HTML 5Page - Analog Devices AD9914/PCBZ Datasheet HTML 6Page - Analog Devices AD9914/PCBZ Datasheet HTML 7Page - Analog Devices AD9914/PCBZ Datasheet HTML 8Page - Analog Devices AD9914/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Data Sheet
AD9914
TABLE OF CONTENTS
analog.com
Rev. G | 3 of 48
Changes to Figure 39.................................................................................................................................... 26
Changes to No-Dwell Ramp Generation Section and Figure 40................................................................... 27
Changes to DROVER Pin Section................................................................................................................. 29
Changes to Frequency Jumping Capability in DRG Mode Section and Figure 41........................................ 29
Changes to Power-Down Control Section..................................................................................................... 29
Changes to Programming and Function Pins Section................................................................................... 31
Changes to Table 15......................................................................................................................................37
Changes to Table 16......................................................................................................................................42
Changes to Table 17......................................................................................................................................43
Changes to Table 18......................................................................................................................................44
Changes to Lower Frequency Jump Register—Address 0x09 Section and Table 25................................... 45
Changes to Upper Frequency Jump Register—Address 0x0A Section and Table 26................................... 46
Changes to Table 28......................................................................................................................................46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48