Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1683 Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce TC1683
Description  Inverting Charge Pump Voltage Doublers with Active High Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1683 Fiches technique(HTML) 3 Page - Microchip Technology

  TC1683 Datasheet HTML 1Page - Microchip Technology TC1683 Datasheet HTML 2Page - Microchip Technology TC1683 Datasheet HTML 3Page - Microchip Technology TC1683 Datasheet HTML 4Page - Microchip Technology TC1683 Datasheet HTML 5Page - Microchip Technology TC1683 Datasheet HTML 6Page - Microchip Technology TC1683 Datasheet HTML 7Page - Microchip Technology TC1683 Datasheet HTML 8Page - Microchip Technology TC1683 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2005 Microchip Technology Inc.
DS21537C-page 3
TC1682/TC1683/TC1684
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin MSOP)
Symbol
Description
1
C1–
C1 commutation capacitor negative terminal.
2
C2+
C2 commutation capacitor positive terminal.
3
C2–
C2 commutation capacitor negative terminal.
4VOUT
Doubling inverting charge pump output (-2 x VIN).
5
GND
Ground.
6VIN
Positive power supply input.
7
C1+
C1 commutation capacitor positive terminal.
8
SHDN
Shutdown input (active high).



Html Pages

1 2 3 4 5 6 7 8 9 10