Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC651ADUATR Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TC651ADUATR
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TC651ADUATR Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TC651ADUATR Datasheet HTML 6Page - STMicroelectronics TC651ADUATR Datasheet HTML 7Page - STMicroelectronics TC651ADUATR Datasheet HTML 8Page - STMicroelectronics TC651ADUATR Datasheet HTML 9Page - STMicroelectronics TC651ADUATR Datasheet HTML 10Page - STMicroelectronics TC651ADUATR Datasheet HTML 11Page - STMicroelectronics TC651ADUATR Datasheet HTML 12Page - STMicroelectronics TC651ADUATR Datasheet HTML 13Page - STMicroelectronics TC651ADUATR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC650/TC651
DS21450C-page 10
 2004 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard device marking consists of Microchip part number, year code, week code, and traceability
code.
8-Lead MSOP
Example:
XXXXX
YWWNNN
650ACV
406256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16