| Moteur de recherche de fiches techniques de composants électroniques |
|
TC651BDUATR Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TC651BDUATR Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 16 page ![]() TC650/TC651 DS21450C-page 12 2004 Microchip Technology Inc. 6.2 Product Tape and Reel Specifications FIGURE 6-1: EMBOSSED CARRIER DIMENSIONS FIGURE 1: MSOP DEVICES Top Cover Tape K0 P W B0 A0 TABLE 1: CARRIER TAPE/CAVITY DIMENSIONS Case Outline Package Type Carrier Dimensions Cavity Dimensions Output Quantity Units Reel Diameter in mm W mm P mm A0 mm B0 mm K0 mm MS MSOP 8L 12 8 5.3 3.6 1.4 2500 330 User Direction of Feed P, Pitch Pin 1 Pin 1 Reverse Reel Component Orientation W, Width of Carrier Tape Standard Reel Component Orientation |