| Moteur de recherche de fiches techniques de composants électroniques |
|
M66239FP Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66239FP Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 24 page ![]() M66239FP Rev.1.00 Mar 16, 2005 page 13 of 23 Function Mode 4 (cont.) Mode 4 is polygon modulation type as following. Frequency modulation is set by serial input resister. (1) Operation mode : Resister 1 (2) Frequency modulation period (Trate) : Resister 2 (3) Frequency modulation start position (Tstart) : Resister 3 (4) Output center frequency (fcenter) : Resister 4 (5) Output peak frequency (fpeak) : Resister 5 (6) 1st.pole position (1stPole) : Resister 6 (7) 2nd.pole position (2ndPole) : Resister 7 (8) 3rd.pole position (3rdPole) : Resister 8 (9) 4th.pole position (4thPole) : Resister 9 (10) 1st.Pole frequency (f1stPole) : Resister 10 (11) 3rd.Pole frequency (f3rdPole) : Resister 11 Tstart 2nd Pole 1st Pole MCLK TR CKO Fpeak+ Fpeak– Fcenter F1stpole F3rdpole 4th Pole 3rd Pole Trate Tspace1 Tspace3 Tspace4 Tspace2 Tspace5 Notes: 1. 2. 3. Each Pole position (cycle number) is defined by Tstart position. Until next TR input, output clock frequency keep "Fcenter". F1stpole and Fpeak+ must set higher frequency than Fcenter. F3rdpole and Fpeak– must set lower frequency than Fcenter. Output clock frequency Modulation start Modulation end Figure 7.2 Operation Timing of Mode 4 (2) |