Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7116A Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce TC7116A
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116A Fiches technique(HTML) 21 Page - Microchip Technology

Back Button TC7116A Datasheet HTML 16Page - Microchip Technology TC7116A Datasheet HTML 17Page - Microchip Technology TC7116A Datasheet HTML 18Page - Microchip Technology TC7116A Datasheet HTML 19Page - Microchip Technology TC7116A Datasheet HTML 20Page - Microchip Technology TC7116A Datasheet HTML 21Page - Microchip Technology TC7116A Datasheet HTML 22Page - Microchip Technology TC7116A Datasheet HTML 23Page - Microchip Technology TC7116A Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2006 Microchip Technology Inc.
DS21457C-page 21
TC7116/A/TC7117/A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART CODE
TC711X X X
XXX
6 = LCD
7 = LED
A or blank*
R (reversed pins) or blank (CPL pkg only)
* "A" parts have an improved reference TC
Package Code (see Device Selection Table)
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24