Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC53 Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce TC53
Description  TC53
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC53 Fiches technique(HTML) 3 Page - Microchip Technology

  TC53 Datasheet HTML 1Page - Microchip Technology TC53 Datasheet HTML 2Page - Microchip Technology TC53 Datasheet HTML 3Page - Microchip Technology TC53 Datasheet HTML 4Page - Microchip Technology TC53 Datasheet HTML 5Page - Microchip Technology TC53 Datasheet HTML 6Page - Microchip Technology TC53 Datasheet HTML 7Page - Microchip Technology TC53 Datasheet HTML 8Page - Microchip Technology TC53 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 2002 Microchip Technology Inc.
DS21432C-page 3
TC53
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
FIGURE 3-1:
TIMING DIAGRAM
Pin No.
(5-Pin SOT-23A)
Symbol
Description
1VOUT1
Output.
2VIN
Supply voltage input.
3VSS
Ground terminal.
4
NC
Not connected.
5
NC
Not connected.
Input Voltage (VIN)
Detect Release Voltage (VDR)
Detect Voltage (VDF)
Minimum Operating Voltage (VMIN)
Ground Voltage (VSS)
Output Voltage (VOUT)
Ground Voltage (VSS)



Html Pages

1 2 3 4 5 6 7 8 9 10