Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC32MCDB Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce TC32MCDB
Description  ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC32MCDB Fiches technique(HTML) 8 Page - Microchip Technology

Back Button TC32MCDB Datasheet HTML 4Page - Microchip Technology TC32MCDB Datasheet HTML 5Page - Microchip Technology TC32MCDB Datasheet HTML 6Page - Microchip Technology TC32MCDB Datasheet HTML 7Page - Microchip Technology TC32MCDB Datasheet HTML 8Page - Microchip Technology TC32MCDB Datasheet HTML 9Page - Microchip Technology TC32MCDB Datasheet HTML 10Page - Microchip Technology TC32MCDB Datasheet HTML 11Page - Microchip Technology TC32MCDB Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC32M
DS21402C-page 8
© 2006 Microchip Technology Inc.
4.3
Package Dimensions
.264 (6.70)
.248 (6.30)
.122 (3.10)
.114 (2.90)
.287 (7.30)
.264 (6.70)
.146 (3.70)
.130 (3.30)
.091 (2.30) Typ.
.071
(1.80)
Max.
.181 (4.60) Typ.
.036 (0.91) Min.
.041 (1.04)
.033 (0.84)
Pin 1
.013 (0.33)
.009 (0.24)
.031 (0.80)
.024 (0.60)
.004 (0.10)
.001 (0.02)
10
° Max.
3-Pin SOT-223
Dimensions: inches (mm)
.105 (2.67)
.095 (2.41)
.018 (0.46)
.015 (0.38)
.135
(3.43)
Min.
.500
(12.70)
Min.
.210 (5.33)
.170 (4.32)
.205 (5.21)
.175 (4.45)
.165 (4.19)
.125 (3.18)
.105 (2.67)
.080 (2.03)
.055 (1.40)
.045 (1.14)
.018 (0.46)
.015 (0.38)
TO-92-3
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12