| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV321RIYLT Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV321RIYLT Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 19 page ![]() Electrical characteristics TSV321-TSV358-TSV324 6/19 Table 4. Electrical characteristics at VCC = +5V, VDD = 0V, RL, CL connected to VCC/2, and Tamb = 25°C (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit Vio Input offset voltage Vicm = Vout = VCC /2 TSV321/358/324 Tmin < Top < Tmax TSV321A/358A/324A Tmin < Top < Tmax 0.2 0.1 3 6 1 3 mV ΔVio Input offset voltage drift 2 μV/°C Iio Input offset current (1) Vicm = Vout = VCC /2 Tmin ≤ Tamb ≤ Tmax 330 60 nA Iib Input bias current (1) Vicm = Vout = VCC /2 Tmin ≤ Tamb ≤ Tmax 70 130 150 nA CMR Common mode rejection ratio 20 log ( ΔVic/ΔVio) 0 ≤ Vicm ≤ VCC, Vout = VCC /2 65 85 dB SVR Supply voltage rejection ratio 20 log ( ΔVCC/ΔVio) VCC = 2.5 to 5V 70 90 dB Avd Large signal voltage gain Vout = 0.5V to 4.5V RL = 2kΩ RL = 600Ω 83 77 92 85 dB VOH High level output voltage Vid = 100mV RL = 2kΩ RL = 600Ω Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ Tmin ≤ Tamb ≤ Tmax, RL = 600Ω 4.80 4.75 4.80 4.75 4.95 4.90 V VOL Low level output voltage Vid = -100mV RL = 2kΩ RL = 600Ω Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ Tmin ≤ Tamb ≤ Tmax, RL = 600Ω 88 115 130 188 130 188 mV Io Output source current Vid = 100mV, VO = VDD 20 80 mA Output sink current Vid = -100mV, VO = VCC 20 80 ICC Supply current (per amplifier) AVCL = 1, no load Tmin ≤ Tamb ≤ Tmax 500 835 875 μA GBP Gain bandwidth product RL =10kΩ, CL = 100pF, f = 100kHz 1 1.4 MHz SR Slew rate RL =10kΩ, CL = 100pF 0.42 0.6 V/ μs φm Phase margin CL = 100pF 55 Degrees en Input voltage noise 27 nV/ √Hz THD Total harmonic distortion 0.01 % 1. Maximum values include unavoidable inaccuracies of the industrial tests. |