| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV321RILT Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV321RILT Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() Absolute maximum ratings and operating conditions TSV321-TSV358-TSV324 4/19 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.5 to 6 V Vicm Common mode input voltage range Top = 25°C, 2.5 ≤ VCC ≤ 6V Tmin < Top < Tmax, 2.5 ≤ VCC ≤ 5.5V VDD - 0.2 to VCC + 0.2 VDD to VCC V Toper Operating free air temperature range -40 to + 125 °C |