Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH350 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce TSH350
Description  550MHz low noise current feedback amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button TSH350_07 Datasheet HTML 14Page - STMicroelectronics TSH350_07 Datasheet HTML 15Page - STMicroelectronics TSH350_07 Datasheet HTML 16Page - STMicroelectronics TSH350_07 Datasheet HTML 17Page - STMicroelectronics TSH350_07 Datasheet HTML 18Page - STMicroelectronics TSH350_07 Datasheet HTML 19Page - STMicroelectronics TSH350_07 Datasheet HTML 20Page - STMicroelectronics TSH350_07 Datasheet HTML 21Page - STMicroelectronics TSH350_07 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TSH350
Ordering information
21/22
10
Ordering information
11
Revision history
Table 5.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TSH350ILT
-40°C to +85°C
SOT23-5
Tape & reel
K305
TSH350ID
SO-8
Tube
TSH350I
TSH350IDT
SO-8
Tape & reel
TSH350I
Date
Revision
Changes
1-Oct-2004
1
First release corresponding to Preliminary Data version of datasheet.
10-Dec-2004
2
Release of mature product datasheet.
21-Jun-2005
3
In Table 1 on page 2, Rthjc thermal resistance junction to ambient
replaced by thermal resistance junction to case.
8-Jun-2007
4
Format update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22