Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3704ID Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce TS3704ID
Description  MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3704ID Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button TS3704ID Datasheet HTML 3Page - STMicroelectronics TS3704ID Datasheet HTML 4Page - STMicroelectronics TS3704ID Datasheet HTML 5Page - STMicroelectronics TS3704ID Datasheet HTML 6Page - STMicroelectronics TS3704ID Datasheet HTML 7Page - STMicroelectronics TS3704ID Datasheet HTML 8Page - STMicroelectronics TS3704ID Datasheet HTML 9Page - STMicroelectronics TS3704ID Datasheet HTML 10Page - STMicroelectronics TS3704ID Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS3704
Package information
7/11
4.1
DIP14 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b0.5
0.020
b1
0.25
0.010
D20
0.787
E8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L3.3
0.130
Z
1.27
2.54
0.050
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11