Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8540 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce TDA8540
Description  4 X 4 video switch matrix
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8540 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button TDA8540 Datasheet HTML 9Page - NXP Semiconductors TDA8540 Datasheet HTML 10Page - NXP Semiconductors TDA8540 Datasheet HTML 11Page - NXP Semiconductors TDA8540 Datasheet HTML 12Page - NXP Semiconductors TDA8540 Datasheet HTML 13Page - NXP Semiconductors TDA8540 Datasheet HTML 14Page - NXP Semiconductors TDA8540 Datasheet HTML 15Page - NXP Semiconductors TDA8540 Datasheet HTML 16Page - NXP Semiconductors TDA8540 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1995 Feb 06
13
Philips Semiconductors
Product specification
4
× 4 video switch matrix
TDA8540
PACKAGE OUTLINES
MSA258
2.54
(9x)
0.254 M
0.53
max
3.60
3.05
2.0
max
26.92
26.54
4.2
max
3.2
max
0.51
min
8.25
7.80
0.38 max
7.62
10.0
8.3
11
10
6.40
6.22
1.73 max
20
1
Fig.7 Plastic dual in-line package; 20 leads (300 mil); DIP20; SOT146-1.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20