| Moteur de recherche de fiches techniques de composants électroniques |
|
TS1851ILT Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS1851ILT Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 25 page ![]() Electrical characteristics TS1851-TS1852-TS1854 12/25 Figure 25. Output current vs. output voltage Figure 26. Output current vs. output voltage 0.0 0.5 1.0 1.5 2.0 2.5 3.0 Output Voltage (V) -60 -40 -20 0 20 40 60 80 sink Vcc = 3V Vid = 0.1V Vicm = 1.5V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C 0.0 1.0 2.0 3.0 4.0 5.0 Output Voltage (V) -60 -40 -20 0 20 40 60 80 sink Vcc = 5V Vid = 0.1V Vicm = 2.5V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C Figure 27. Gain and phasis vs. frequency Figure 28. Gain bandwidth product vs. temperature 1E+3 1E+4 1E+5 1E+6 Frequency (Hz) 0 10 20 30 40 50 60 70 40 60 80 100 120 140 160 180 RL = 10K CL = 100 pF VCC = 5V gain phase -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) 0.45 0.50 0.55 0.60 0.65 Vcc = 1.8V Vcc = 3V Vcc = 5V Vicm = Vcc/2 RL = 10kohms CL = 100 pF Figure 29. Gain bandwidth product vs. supply voltage Figure 30. Slew rate vs. temperature 0 1 2 3 4 5 6 7 Supply Voltage (V) 450 500 550 600 650 700 750 800 RL = 2 kohms CL = 300 pF Vicm = Vcc/2 T = 25°C -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) 0.11 0.12 0.13 0.14 0.15 0.16 0.17 0.18 0.19 positive Slew Rate VCC = 1.8V gain = +1 Vin = 0.4 to 1.4V RL = 10kohms CL = 100 pF negative Slew Rate |