Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS941 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TS941
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TS941_04 Datasheet HTML 9Page - STMicroelectronics TS941_04 Datasheet HTML 10Page - STMicroelectronics TS941_04 Datasheet HTML 11Page - STMicroelectronics TS941_04 Datasheet HTML 12Page - STMicroelectronics TS941_04 Datasheet HTML 13Page - STMicroelectronics TS941_04 Datasheet HTML 14Page - STMicroelectronics TS941_04 Datasheet HTML 15Page - STMicroelectronics TS941_04 Datasheet HTML 16Page - STMicroelectronics TS941_04 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Package Mechanical Data
TS941-TS942-TS944
13/18
3.3 TSSOP8 package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.008
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.0256
K0˚
8˚
0˚
8˚
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1
0.039
TSSOP8 MECHANICAL DATA
0079397/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18