Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS914ID Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce TS914ID
Description  Rail-to-rail CMOS quad operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914ID Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button TS914ID Datasheet HTML 11Page - STMicroelectronics TS914ID Datasheet HTML 12Page - STMicroelectronics TS914ID Datasheet HTML 13Page - STMicroelectronics TS914ID Datasheet HTML 14Page - STMicroelectronics TS914ID Datasheet HTML 15Page - STMicroelectronics TS914ID Datasheet HTML 16Page - STMicroelectronics TS914ID Datasheet HTML 17Page - STMicroelectronics TS914ID Datasheet HTML 18Page - STMicroelectronics TS914ID Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package mechanical data
TS914
16/19
5.1
DIP-14 package
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b0.5
0.020
b1
0.25
0.010
D20
0.787
E8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L3.3
0.130
Z
1.27
2.54
0.050
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19