Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS912 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce TS912
Description  Rail-to-Rail CMOS Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Fiches technique(HTML) 2 Page - STMicroelectronics

  TS912_06 Datasheet HTML 1Page - STMicroelectronics TS912_06 Datasheet HTML 2Page - STMicroelectronics TS912_06 Datasheet HTML 3Page - STMicroelectronics TS912_06 Datasheet HTML 4Page - STMicroelectronics TS912_06 Datasheet HTML 5Page - STMicroelectronics TS912_06 Datasheet HTML 6Page - STMicroelectronics TS912_06 Datasheet HTML 7Page - STMicroelectronics TS912_06 Datasheet HTML 8Page - STMicroelectronics TS912_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Order Codes
TS912
2/19
1
Order Codes
Part Number
Temperature Range
Package
Packing
Marking
TS912IN
-40, +125°C
DIP8
Tube
TS912IN
TS912ID/IDT
SO-8
Tube or Tape & Reel
912I
TS912AIN
DIP8
Tube
TS912AIN
TS912AID/AIDT
SO-8
Tube or Tape & Reel
912AI
TS912BID/BIDT
SO-8
912BI
TS912IYD/IYDT
SO-8 (automotive grade level)
912IY
TS912AIYD/AIYDT
912AIY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19