Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T00SC64 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce M41T00SC64
Description  Real-Time Clock 64Kbit (8192 x 8) EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00SC64 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button M41T00SC64 Datasheet HTML 11Page - STMicroelectronics M41T00SC64 Datasheet HTML 12Page - STMicroelectronics M41T00SC64 Datasheet HTML 13Page - STMicroelectronics M41T00SC64 Datasheet HTML 14Page - STMicroelectronics M41T00SC64 Datasheet HTML 15Page - STMicroelectronics M41T00SC64 Datasheet HTML 16Page - STMicroelectronics M41T00SC64 Datasheet HTML 17Page - STMicroelectronics M41T00SC64 Datasheet HTML 18Page - STMicroelectronics M41T00SC64 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
M41T00SC64
Package mechanical data
15/19
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19