| Moteur de recherche de fiches techniques de composants électroniques |
|
TS616IDW Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS616IDW Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 36 page ![]() Increasing the line level using active impedance matching TS616 32/36 First let’s consider the unloaded system. We can assume that the currents through R1, R2 and R3 are respectively: As Vo° equals Vo without load, the gain in this case becomes: The gain, for the loaded system is given by Equation 6: Equation 6 The system shown in Figure 70 is an ideal generator with a synthesized impedance acting as the internal impedance of the system. From this, the output voltage becomes: Equation 7 where Ro is the synthesized impedance and Iout the output current. On the other hand Vo can be expressed as: Equation 8 By identification of both Equation 7 and Equation 8, the synthesized impedance is, with Rs1 = Rs2 = Rs: Equation 9 2Vi R1 --------- Vi Vo ° – () R2 ---------------------------and Vi Vo + () R3 ------------------------ , G Vo noload () Vi -------------------------------- 1 2R2 R1 ----------- R2 R3 -------- ++ 1 R2 R3 -------- – ------------------------------------ == GL Vo withload () Vi ------------------------------------- 1 2 --- 1 2R2 R1 ----------- R2 R3 -------- ++ 1 R2 R3 -------- – ------------------------------------ == Vo ViG () Ro Iout ⋅ () – = Vo Vi 1 2R2 R1 ----------- R2 R3 -------- ++ ⎝⎠ ⎛⎞ 1 R2 R3 -------- – ----------------------------------------------- Rs1Iout 1 R2 R3 -------- – ---------------------- – = Ro Rs 1 R2 R3 -------- – ----------------- = |