Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS616 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce TS616
Description  Dual wide band operational amplifier with high output current
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button TS616_07 Datasheet HTML 28Page - STMicroelectronics TS616_07 Datasheet HTML 29Page - STMicroelectronics TS616_07 Datasheet HTML 30Page - STMicroelectronics TS616_07 Datasheet HTML 31Page - STMicroelectronics TS616_07 Datasheet HTML 32Page - STMicroelectronics TS616_07 Datasheet HTML 33Page - STMicroelectronics TS616_07 Datasheet HTML 34Page - STMicroelectronics TS616_07 Datasheet HTML 35Page - STMicroelectronics TS616_07 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Package information
TS616
34/36
11
Package information
SO-8 exposed pad package mechanical data
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.350
1.750
0.053
0.069
A1
0.000
0.150
0.001
0.0059
A2
1.100
1.650
0.043
0.065
B
0.330
0.510
0.013
0.020
C
0.190
0.250
0.007
0.010
D
4.800
5.000
0.189
0.197
D1
3.10
0.122
E
3.800
4.000
0.150
0.157
E1
2.41
0.095
e
1.270
0.050
H
5.800
6.200
0.228
0.244
h
0.250
0.500
0.010
0.020
L
0.400
1.270
0.016
0.050
k
0d8d
0d8d
ddd
0.100
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36