| Moteur de recherche de fiches techniques de composants électroniques |
|
TS615 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS615 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 36 page ![]() Noise Measurements TS615 23/36 7 Noise Measurements The noise model is shown in Figure 62, where: l eN: input voltage noise of the amplifier l iNn: negative input current noise of the amplifier l iNp: positive input current noise of the amplifier The closed loop gain is: The six noise sources are: We assume that the thermal noise of a resistance R is: where ∆F is the specified bandwidth. Figure 62. Noise model + _ R3 R1 output R2 iN- iN+ HP3577 Input noise: 8nV/ √Hz N1 N2 N3 TS615 eN + _ R3 R1 output R2 iN- iN+ HP3577 Input noise: 8nV/ √Hz N1 N2 N3 TS615 eN A V g1 R fb R g ---------- + == V2 iNn R2 × = V5 4kT R2 = V1 eN 1 R2 R1 -------- + × = V3 iNp R3 1 R2 R1 -------- + × × = V4 R2 R1 -------- 4kTR1 × – = V6 1 R2 R1 -------- + 4kTR3 = 4kTR F D |