| Moteur de recherche de fiches techniques de composants électroniques |
|
TL072A Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL072A Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 16 page ![]() Electrical characteristics TL072 - TL072A - TL072B 8/16 Figure 8. Input bias current versus free air temperature Figure 9. Large signal differential voltage amplification versus free air temp 100 10 1 0.1 0.01 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) V CC = 15V 1000 400 200 100 20 40 10 4 2 1 -75 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) R L = 2k Ω V O = 10V V CC = 15V Figure 10. Large signal differential voltage amplification and phase shift versus frequency Figure 11. Total power dissipation versus free air temperature FREQUENCY (Hz) 100 10 100 1K 10K 100K 10M 1M 1 DIFFERENTIAL VOLTAGE AMPLIFICATION (left scale) 180 90 0 R = 2kW C = 100pF V = 15V T = +125°C L L CC amb PHASE SHIFT (right scale) 250 225 200 175 150 125 100 75 50 25 0 -75 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) V CC = 15V No signal No load Figure 12. Supply current per amplifier versus free air temperature Figure 13. Common mode rejection ratio versus free air temperature 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -75 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) V CC = 15V No signal No load 89 88 87 86 85 84 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) 83 -75 R L = 1 0 kΩ = 15V V CC |