Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM11ATR Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STPM11ATR
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11ATR Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STPM11ATR Datasheet HTML 35Page - STMicroelectronics STPM11ATR Datasheet HTML 36Page - STMicroelectronics STPM11ATR Datasheet HTML 37Page - STMicroelectronics STPM11ATR Datasheet HTML 38Page - STMicroelectronics STPM11ATR Datasheet HTML 39Page - STMicroelectronics STPM11ATR Datasheet HTML 40Page - STMicroelectronics STPM11ATR Datasheet HTML 41Page - STMicroelectronics STPM11ATR Datasheet HTML 42Page - STMicroelectronics STPM11ATR Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Package mechanical data
STPM11/12/13/14
40/43
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0079
D
6.4
6.5
6.6
0.252
0.256
0.260
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0˚
8˚
0˚
8˚
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP20 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0087225C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43