| Moteur de recherche de fiches techniques de composants électroniques |
|
STPM13 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM13 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 43 page ![]() STPM11/12/13/14 Energy calculation algorithm 33/43 i(t) = I ⋅ sin(tω+ ϕ); [Eq. 2 - see (6) in Figure 6 - ] can then be used to calculate. These digital signals are also used in two additional steps for integration, obtaining: dv/dt →v(t) = V ⋅ sin tω; [Eq. 3 - see (7) in Figure 6.] [Eq. 4 - see (8) in Figure 6] Now four signals are available. Combining (pairing) them by two multiplication steps two results are obtained: [Eq. 5 - see (9) in Figure 6.] [Eq. 6 - see (10) in Figure 6.] After these two operations, another stage another step involves the subtraction of p1 from p2 and dividing the result by 2, to obtain the active power: [Eq. 7 - see (11) in Figure 6.] In this way, the AC part has been then removed from the instantaneous power. In the case of current sensors like "Rogowski coils", which provide the rate of the instantaneous current signal, the initial voltage signal differentiation stage is switched off. In this case the signals coming from the A/D conversion and their consequent integrations are: v(t) = V ⋅ sin (tω); [Eq. 8] [Eq. 9] ) cos( ) ( ) ( ϕ ω ω + ⋅ − = ⋅ = ∫ t I dt t i t I i(t) ⋅ 2 ) 2 cos( 2 cos ) ( ) ( 1 ϕ ω ϕ + ⋅ ⋅ − ⋅ ⋅ − = ⋅ ⋅ = / ∫ t I V I V dt t i dt dv t p 2 ) 2 cos( 2 cos ) ( ) ( ) ( 2 ϕ ω ϕ + ⋅ ⋅ − ⋅ ⋅ = ⋅ = / t I V I V t i t v t p 2 cos 2 )) ( ) ( ( ) ( 1 2 ϕ ⋅ ⋅ = / − / = I V t p t p t p ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + ⋅ ⋅ 2 ) 2 cos( ϕ ωt I V ) cos( ) ( ) ( ϕ ω ω + ⋅ ⋅ − = = ′ t I dt t di t i t V dt t v t V ω ω cos ) ( ) ( ⋅ − = ⋅ = ∫ |