| Moteur de recherche de fiches techniques de composants électroniques |
|
STPM12 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM12 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 43 page ![]() Energy calculation algorithm STPM11/12/13/14 34/43 [Eq. 10] [ [Eq. 11] The signals process flow is the same as shown in the previous case, and even with the formulas above, the result is the same. The absence of any AC component allows a very fast calibration procedure. Averaging the readings of several line periods is not needed. The active energy measurement is already stable after one line cycle. Moreover the digital calibration allows saving time and space compared to the hardware calibration made with resistor strings. ) sin( ) ( ) ( ) ( ϕ ω+ ⋅ − = = ⋅ ′ = ′′ ∫ t I t i dt t i t i |