Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM802 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM802
Description  SOLENOID CONTROLLER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802 Fiches technique(HTML) 2 Page - STMicroelectronics

  STM802 Datasheet HTML 1Page - STMicroelectronics STM802 Datasheet HTML 2Page - STMicroelectronics STM802 Datasheet HTML 3Page - STMicroelectronics STM802 Datasheet HTML 4Page - STMicroelectronics STM802 Datasheet HTML 5Page - STMicroelectronics STM802 Datasheet HTML 6Page - STMicroelectronics STM802 Datasheet HTML 7Page - STMicroelectronics STM802 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STM802
2/8
BLOCK DIAGRAM AND SCHEMATIC CIRCUIT
PIN CONFIGURATION
PIN DESCRIPTION
Note 1: The TST pin is for testing purpose only. Must be left FLOATING for normal operation.
PlN N°
SYMBOL
NAME AND FUNCTION
1
TST (Note 1)
Test Input
2
VCC
Supply Voltage
3
BYP
Bypass capacitor
4EN
Enable Input
5
PWMG
Switch Ground
6
LING
Linear Ground
7
FB
FeedBack
8
GATE
Gate Control Output



Html Pages

1 2 3 4 5 6 7 8