Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST232ABWR Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce ST232ABWR
Description  Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232ABWR Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button ST232ABWR Datasheet HTML 6Page - STMicroelectronics ST232ABWR Datasheet HTML 7Page - STMicroelectronics ST232ABWR Datasheet HTML 8Page - STMicroelectronics ST232ABWR Datasheet HTML 9Page - STMicroelectronics ST232ABWR Datasheet HTML 10Page - STMicroelectronics ST232ABWR Datasheet HTML 11Page - STMicroelectronics ST232ABWR Datasheet HTML 12Page - STMicroelectronics ST232ABWR Datasheet HTML 13Page - STMicroelectronics ST232ABWR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Package mechanical data
ST232A
10/19
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19