Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C940KC/W Fiches technique(PDF) 105 Page - Advanced Micro Devices

No de pièce AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Fiches technique(HTML) 105 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 101Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 102Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 103Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 104Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 105Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 106Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 107Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 108Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 109Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 144 page
background image
105
0
1
0
0
10
bit (n–2)
bit (n–1)
bit (n)
1
XTAL1
STDCLK
TXDAT+
DO+
DO–
DO±
TXEN
(Note 1)
> 200 ns
57
16235D-32
Note: TXDAT+ is the internal version of the signal, and is shown for clarification only.
AUI Transmit Timing–End of Packet (Last Bit = 0)
0
1
1
0
1
bit (n–2)
bit (n–1)
bit (n)
1
57
XTAL1
SRDCLK
TXDAT+
DO+
DO–
DO±
TXEN
(Note 1)
> 250 ns
16235D-33
Note: TXDAT+ is the internal version of the signal, and is shown for clarification only.
AUI Transmit Timing–End of Packet (Last Bit = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More