| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C940KC/W Fiches technique(PDF) 104 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C940KC/W Fiches technique(HTML) 104 Page - Advanced Micro Devices |
|
104 / 144 page ![]() 104 SCLK (EDSEL = 1) EOF TDTREQ 43 42 Note 1 47 Note 3 Note 2 S3 S2 S1 S0 S2 S1 S3 S2 S1 S3 S0 S0 S2 S1 S3 S0 46 S3 S2 S1 S0 S2 S1 S3 S2 S1 S3 S0 S0 S2 S1 S3 S0 SCLK (EDSEL = 0) AC WAVEFORMS Notes: 1. TDTREQ will be asserted for two write cycles (4 SCLK cycles) minimum. 2. TDTREQ will deassert 1 SCLK cycle after EOF is detected (S2/S3 edge). 3. When EOF is written, TDTREQ will go inactive for 1 SCLK cycle minimum. Host System Interface–TDTREQ Write Timing 16235D-30 XTAL1 STDCLK TXDAT+ DO+ DO– DO± 53 0 11 0 1 1 1 TXEN (Note 1) 9 54 55 16235D-31 AUI Transmit Timing–Start of Packet Note: TXDAT+ is the internal version of the signal, and is shown for clarification only. |