Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6382D Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce L6382D
Description  Power management unit for microcontrolled ballast
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 10Page - STMicroelectronics L6382D Datasheet HTML 11Page - STMicroelectronics L6382D Datasheet HTML 12Page - STMicroelectronics L6382D Datasheet HTML 13Page - STMicroelectronics L6382D Datasheet HTML 14Page - STMicroelectronics L6382D Datasheet HTML 15Page - STMicroelectronics L6382D Datasheet HTML 16Page - STMicroelectronics L6382D Datasheet HTML 17Page - STMicroelectronics L6382D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application information
L6382D
14/22
In this state the functions are:
–
The HVSU generator is ON
–VREF is enabled in low source current mode (IREF < 10mA)
–TPR is disabled
–
OCP is disabled
–
the drivers are disabled
In this state if Vcc reaches VccOn, the device enters the save mode otherwise, if
Vcc<VREF(OFF), also the µC is turned off and the device will be ready to execute the Start-up
sequence.
Figure 11. Timing sequences: TPR behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22