| Moteur de recherche de fiches techniques de composants électroniques |
|
SA555 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SA555 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 20 page ![]() Absolute maximum ratings and operating conditions NE555 - SA555 - SE555 4/20 2 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage 18 V Tj Junction temperature 150 °C Tstg Storage temperature range -65 to 150 °C Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage NE555 SA555 SE555 4.5 to 16 4.5 to 16 4.5 to 18 V Vth, Vtrig, Vcl, Vreset Maximum input voltage VCC V Toper Operating free air temperature range NE555 SA555 SE555 0 to 70 -40 to 105 -55 to 125 °C |