Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74V1G00STR Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce 74V1G00STR
Description  SINGLE 2-INPUT NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G00STR Fiches technique(HTML) 4 Page - STMicroelectronics

  74V1G00STR Datasheet HTML 1Page - STMicroelectronics 74V1G00STR Datasheet HTML 2Page - STMicroelectronics 74V1G00STR Datasheet HTML 3Page - STMicroelectronics 74V1G00STR Datasheet HTML 4Page - STMicroelectronics 74V1G00STR Datasheet HTML 5Page - STMicroelectronics 74V1G00STR Datasheet HTML 6Page - STMicroelectronics 74V1G00STR Datasheet HTML 7Page - STMicroelectronics 74V1G00STR Datasheet HTML 8Page - STMicroelectronics 74V1G00STR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74V1G00
4/9
TEST CIRCUIT
CL = 15/50pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)



Html Pages

1 2 3 4 5 6 7 8 9