Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM124W Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LM124W
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM124W Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LM124W_05 Datasheet HTML 8Page - STMicroelectronics LM124W_05 Datasheet HTML 9Page - STMicroelectronics LM124W_05 Datasheet HTML 10Page - STMicroelectronics LM124W_05 Datasheet HTML 11Page - STMicroelectronics LM124W_05 Datasheet HTML 12Page - STMicroelectronics LM124W_05 Datasheet HTML 13Page - STMicroelectronics LM124W_05 Datasheet HTML 14Page - STMicroelectronics LM124W_05 Datasheet HTML 15Page - STMicroelectronics LM124W_05 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LM124W-LM224W-LM324W
Package Mechanical Data
13/16
6
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second level
interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.
6.1
DIP14 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
Plastic DIP-14 MECHANICAL DATA
P001A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16