| Moteur de recherche de fiches techniques de composants électroniques |
|
LM393A Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM393A Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 15 page ![]() Order Codes LM193, LM193A, LM293, LM293A, LM393, LM393A 2/15 1 Order Codes Part Number Temperature Range Package Packing Marking LM193AD/LM193ADT -55°C, +125°C SO-8 Tube or Tape & Reel LM193AN DIP8 Tube LM193D/LM193DT SO-8 Tube or Tape & Reel LM193N DIP8 Tube LM293AD/LM293ADT -40°C, +105°C SO-8 Tube or Tape & Reel LM293AN DIP8 Tube LM293D/LM293DT SO-8 Tube or Tape & Reel LM293N DIP8 Tube LM293PT TSSOP8 (Thin Shrink Outline Package) Tape & Reel LM293ST Mini SO-8 Tape & Reel LM393AD/LM393ADT 0°C, +70°C SO-8 Tube or Tape & Reel LM393D/LM393DT SO-8 Tube or Tape & Reel LM393N DIP8 Tube LM393PT TSSOP8 (Thin Shrink Outline Package) Tape & Reel LM393ST Mini SO-8 Tape & Reel LM393YDT/YD -40°C, +125°C SO-8 (automotive grade level) Tube or Tape & Reel |