Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC00T-/ST Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce 24LC00T-/ST
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00T-/ST Fiches technique(HTML) 12 Page - Microchip Technology

Back Button 24LC00T-/ST Datasheet HTML 8Page - Microchip Technology 24LC00T-/ST Datasheet HTML 9Page - Microchip Technology 24LC00T-/ST Datasheet HTML 10Page - Microchip Technology 24LC00T-/ST Datasheet HTML 11Page - Microchip Technology 24LC00T-/ST Datasheet HTML 12Page - Microchip Technology 24LC00T-/ST Datasheet HTML 13Page - Microchip Technology 24LC00T-/ST Datasheet HTML 14Page - Microchip Technology 24LC00T-/ST Datasheet HTML 15Page - Microchip Technology 24LC00T-/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
24LCS61/24LCS62
DS21226E-page 12
 2004 Microchip Technology Inc.
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the master
sending a Start condition followed by the control byte
for a Write command and then sending the Device ID
byte for that particular device. If the device is still busy
with the write cycle, then no ACK will be returned after
the Device ID byte. If no ACK is returned, then the Start
bit, control byte and ID byte must be re-sent. If the cycle
is complete, then the device will return the ACK and the
master can then proceed with the next command. See
Figure 7-1 for flow diagram.
FIGURE 7-1:
ACKNOWLEDGE
POLLING FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES
Send Control byte and
Device ID byte
Device ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22