| Moteur de recherche de fiches techniques de composants électroniques |
|
PI6CB332000 Fiches technique(PDF) 5 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PI6CB332000 Fiches technique(HTML) 5 Page - Diodes Incorporated |
|
5 / 21 page ![]() A Product Line of Diodes Incorporated PI6CB332000 5 June 2024 © 2024 Copyright Diodes Incorporated. All Rights Reserved. PI6CB332000 Document Number DS41283 Rev 7-2 www.diodes.com Table 1. SMBus Address Selection SA_1 SA_0 Address L L D8 L M DA L H DE M L C2 M M C4 M H C6 H L CA H M CC H H CE Table 2. Power Management PWRGD/PWRDN# Q+ Q- 0 Low Low 1 Normal Normal Table 3. OE Functionality Inputs OE# Hardware Pins and Control Register Bits PWRGD/PWRDN# IN+/IN- SMBUS Enable Bit OE# Pin Q+/Q- [12:5] Q+/Q- [18:13], [4:0] 0 X X X Low/Low Low/Low 1 Running 0 X Low/Low Low/Low 1 0 Running Running 1 1 Low/Low Running |