Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM358WYPT Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LM358WYPT
Description  Low power dual operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358WYPT Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LM358WYPT Datasheet HTML 9Page - STMicroelectronics LM358WYPT Datasheet HTML 10Page - STMicroelectronics LM358WYPT Datasheet HTML 11Page - STMicroelectronics LM358WYPT Datasheet HTML 12Page - STMicroelectronics LM358WYPT Datasheet HTML 13Page - STMicroelectronics LM358WYPT Datasheet HTML 14Page - STMicroelectronics LM358WYPT Datasheet HTML 15Page - STMicroelectronics LM358WYPT Datasheet HTML 16Page - STMicroelectronics LM358WYPT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LM158W-LM258W-LM358W
Package mechanical data
13/20
5
Package mechanical data
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20