| Moteur de recherche de fiches techniques de composants électroniques |
|
24LC00T-E/ST Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC00T-E/ST Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 22 page ![]() 2004 Microchip Technology Inc. DS21226E-page 19 24LCS61/24LCS62 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Sales and Support Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 3. The Microchip Worldwide Site (www.microchip.com) Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products. PART NO. X /XX XXX Pattern Package Temperature Range Device Device 24AA00 128 bit 1.8V I2C Serial EEPROM 24AA00T 128 bit 1.8V K I2C Serial EEPROM (Tape and Reel) 24LC00 128 bit 2.5V I2C Serial EEPROM 24LC00T 128 bit 2.5V K I2C Serial EEPROM (Tape and Reel) 24C00 128 bit 5.0V I2C Serial EEPROM 24C00T 128 bit 5.0V K I2C Serial EEPROM (Tape and Reel) Temperature Range Blank = 0 °C to +70°C I= -40 °C to +85°C E= -40 °C to +125°C Package P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (150 mil Body) ST = TSSOP, 8-lead OT = SOT-23, 5-lead |